Part Number Hot Search : 
TL431 SK312 AN1593 BS757 2SA1576A 23621 0603L KT521205
Product Description
Full Text Search
 

To Download APHS1005SYCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0X0.5mm SMD CHIP LED LAMP
APHS1005SYCK
SUPER BRIGHT YELLOW
Features
1.0mmX0.5mm SMT LED, 0.5mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Description
The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAB0814 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 1 OF 4 ERP: 1203001482
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20 mA Min. APHS1005SYCK SUPER BRIGHT YELLOW (InGaAIP) WATER CLEAR 18 Typ. 120 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 590 20 20 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 125 30 175 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB0814 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 2 OF 4 ERP: 1203001482
Super Bright Yellow
APHS1005SYCK
SPEC NO: DSAB0814 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 3 OF 4 ERP: 1203001482
APHS1005SYCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAB0814 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 4 OF 4 ERP: 1203001482


▲Up To Search▲   

 
Price & Availability of APHS1005SYCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X